Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS011N15MC Datasheet (PDF) - ON Semiconductor

Part # NTMFS011N15MC
Description  MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
File Size   257.94 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS011N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS011N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS010N10G ONSEMI-NTMFS010N10G Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS010N10GTWG ONSEMI-NTMFS010N10GTWG Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS015N10MCL ONSEMI-NTMFS015N10MCL Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
NTMFS015N10MCLT1G ONSEMI-NTMFS015N10MCLT1G Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
NTMFS015N15MC ONSEMI-NTMFS015N15MC Datasheet
231Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1
More results


Similar Description - NTMFS011N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS006N08MC ONSEMI-NTMFS006N08MC Datasheet
205Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1
FDMS4D0N12C ONSEMI-FDMS4D0N12C Datasheet
376Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8
September, 2021 ??Rev. 3
NTMFD5C470NL ONSEMI-NTMFD5C470NL Datasheet
229Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 11.5 m, 36 A
May, 2019 ??Rev. P3
NTMFS010N10G ONSEMI-NTMFS010N10G Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
NTMFSC012N15MC ONSEMI-NTMFSC012N15MC Datasheet
280Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0
NTMYS4D6N04CL ONSEMI-NTMYS4D6N04CL Datasheet
337Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 4.5 m, 78 A
June, 2019-Rev. 0
NVMFD5C470NL ONSEMI-NVMFD5C470NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 11.5 m, 36 A
July, 2019 ??Rev. 4
NVMYS4D6N04CL ONSEMI-NVMYS4D6N04CL Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 78 A
June, 2019 ??Rev. 0
NVTYS004N04C ONSEMI-NVTYS004N04C Datasheet
339Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 4.9 m, 78 A
May, 2021 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com