Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-W65S-R11-N3 Datasheet (PDF) - Luminus, Inc

Part # SST-90-W65S-R11-N3
Description  Extremely high optical output White LED: up to 4,000lm at 18A
File Size   2047.01 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-W65S-R11-N3 Datasheet (PDF) - Luminus, Inc



Similar Part No. - SST-90-W65S-R11-N3

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HG LUMINUS-SST-90-R-F11-HG Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HH LUMINUS-SST-90-R-F11-HH Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-F11-HJ LUMINUS-SST-90-R-F11-HJ Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-R-R11-HG LUMINUS-SST-90-R-R11-HG Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
More results


Similar Description - SST-90-W65S-R11-N3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
logo
HTC Korea TAEJIN Techno...
LM1937 HTC-LM1937 Datasheet
181Kb / 6P
WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_11 Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
OSRAM GmbH
SFH-4761 OSRAM-SFH-4761 Datasheet
187Kb / 10P
White frame to achieve high optical power
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
High optical output at 2 A: up to 253 Red lumens
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SBT-90 LUMINUS-SBT-90 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com