Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet (PDF) - Luminus, Inc

SST-90-R Datasheet PDF - Luminus, Inc
Part # SST-90-R
Download  SST-90-R Download
File Size   1672.31 Kbytes
Page   14 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Extremely high optical output Red LEDs: Typ.1500 lumens at 9A

SST-90-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SST-90-R Datasheet PDF - Luminus, Inc

Part # SST-90-R
Download  SST-90-R Click to download

File Size   1672.31 Kbytes
Page   14 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description Extremely high optical output Red LEDs: Typ.1500 lumens at 9A

SST-90-R Datasheet (HTML) - Luminus, Inc




Similar Part No. - SST-90-R

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-F11-N2 LUMINUS-SST-90-W57S-F11-N2 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-F11-N3 LUMINUS-SST-90-W57S-F11-N3 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-R11-N2 LUMINUS-SST-90-W57S-R11-N2 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-R11-N3 LUMINUS-SST-90-W57S-R11-N3 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results


Similar Description - SST-90-R

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
Single Device 9A Output
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
High optical output at 2 A: up to 253 Red lumens
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SBT-90 LUMINUS-SBT-90 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com