Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet(PDF) 2 Page - Luminus, Inc

Part # SST-90-R
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R Datasheet(HTML) 2 Page - Luminus, Inc

  SST-90-R Datasheet HTML 1Page - Luminus, Inc SST-90-R Datasheet HTML 2Page - Luminus, Inc SST-90-R Datasheet HTML 3Page - Luminus, Inc SST-90-R Datasheet HTML 4Page - Luminus, Inc SST-90-R Datasheet HTML 5Page - Luminus, Inc SST-90-R Datasheet HTML 6Page - Luminus, Inc SST-90-R Datasheet HTML 7Page - Luminus, Inc SST-90-R Datasheet HTML 8Page - Luminus, Inc SST-90-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TestingTemperature
Luminus surface mount LEDs are typically tested with a 20mSec
input pulse and a junction temperature of 25ºC. Expected flux
values in real world operation can be extrapolated based on the
information contained within this product data sheet.
Multiple Operating Points (3.15, 9.0 A and above)
The tables on the following pages provide typical optical and
electrical characteristics. Since the LEDs can be operated over a
wide range of drive conditions (currents from less than 1.0 A to
18.0 A, and duty cycle from <1% to 100%), multiple drive
conditions are listed.
SST-90 LEDs are production tested at 3.15 A. The values shown
at 9.0 A are for additional reference at other possible drive
conditions.
Understanding Luminus LED Test Specifications
Every Luminus LED is fully tested to ensure that it meets the high quality standards expected from Luminus’products.
2
PDS-002760 Rev 01 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
LuminusTechnology
Luminus’ technology enables large area LED chips with uniform
brightness over the entire LED chip surface. The optical power
and brightness produced by these large monolithic chips
enable solutions which replace arc and halogen lamps where
arrays of traditional high power LEDs cannot.
PackagingTechnology
Thermal management is critical in high power LED applications.
With a thermal resistance from junction to case of 0.5°C/W.
Luminus SST-90 LEDs have the lowest thermal resistance of any
LED on the market. This allows the LED to be driven at higher
current densities while maintaining a low junction temperature,
thereby resulting in brighter solutions and longer lifetimes.
Reliability
Designed from the ground up, Luminus LEDs are one of the
most reliable light sources in the world today. Luminus LEDs
have passed a rigorous suite of environmental and mechanical
stress tests, including mechanical shock, vibration, temperature
cycling and humidity, and have been fully qualified for use in
extreme high power and high current applications. With very
low failure rates and median lifetimes that typically exceed
60,000 hours, Luminus LEDs are ready for even the most
demanding applications.
Environmental Benefits
Luminus LEDs help reduce power consumption and the amount
of hazardous waste entering the environment. All LED products
manufactured by Luminus are RoHS compliant and free of
hazardous materials, including lead and mercury.
Technology Overview
Luminus LEDs™ benefit from a suite of innovations in the fields of chip technology, packaging and thermal management. These
breakthroughs allow illumination engineers and designers to achieve solutions that are high brightness and high efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com