Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet(PDF) 13 Page - Luminus, Inc

Part # SST-90-R
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R Datasheet(HTML) 13 Page - Luminus, Inc

Back Button SST-90-R Datasheet HTML 6Page - Luminus, Inc SST-90-R Datasheet HTML 7Page - Luminus, Inc SST-90-R Datasheet HTML 8Page - Luminus, Inc SST-90-R Datasheet HTML 9Page - Luminus, Inc SST-90-R Datasheet HTML 10Page - Luminus, Inc SST-90-R Datasheet HTML 11Page - Luminus, Inc SST-90-R Datasheet HTML 12Page - Luminus, Inc SST-90-R Datasheet HTML 13Page - Luminus, Inc SST-90-R Datasheet HTML 14Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
0
0
Time (sec)
30
60
90
120
150
180
210
240
270
300
25
50
75
100
125
150
175
200
225
250
Note 21: Temperatures are taken and monitored at the component copper layer.
Note 22: Optimum profile may differ due to oven type, circuit board or assembly layout.
Note 23: Recommended lead free, no-clean solder: AIM NC254-SAC305.
Note 24: Refer to APN-001473 soldering and handling application note for additional solder profiles and details.
Note 25: MSL- Level 2A
Solder Profile
13
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc.t
TtXXXMVNJOVTDPN
/FX#PTUPO4USFFUt8PCVSO."
SST-90-R Product Datasheet
Lead free solder guideline for low density boards
Solder Profile Stage
Lead-Free Solder
Lead-based Solder
Profile length, Ambient to Peak
2.75 - 3.5 minutes
2.75 - 3.5 minutes
Time Maintained Above: Temperature
217 ºC
183 ºC
Time Maintained Above: Time
30 - 60 seconds
30 - 60 seconds
Cooldown Rate
≤4º C/sec
≤4º C/sec
Cooldown Duration
45 ± 15 sec
45 ± 15 sec
SAC 305 Reflow Profile Window For Low Density Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com