Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet(PDF) 14 Page - Luminus, Inc

Part # SST-90-R
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R Datasheet(HTML) 14 Page - Luminus, Inc

Back Button SST-90-R Datasheet HTML 6Page - Luminus, Inc SST-90-R Datasheet HTML 7Page - Luminus, Inc SST-90-R Datasheet HTML 8Page - Luminus, Inc SST-90-R Datasheet HTML 9Page - Luminus, Inc SST-90-R Datasheet HTML 10Page - Luminus, Inc SST-90-R Datasheet HTML 11Page - Luminus, Inc SST-90-R Datasheet HTML 12Page - Luminus, Inc SST-90-R Datasheet HTML 13Page - Luminus, Inc SST-90-R Datasheet HTML 14Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev
Date
Description of Change
01
09/22/2015
- Editorial fixes
- Created separate new datasheet for SST-90-R (this datasheet) and removed from PDS-001342 Rev 14
(SST-90-W)
- Added change history
- Merged Binning and Labelling document (PDS-001692) into the product datasheet. PDS-001692 has been
obsoleted.
History of Changes
14
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
The products, their specifications and other information appearing in this document are subject to change by Luminus Devices without notice. Luminus
Devices assumes no liability for errors that may appear in this document, and no liability otherwise arising from the application or use of the product or
information contained herein. None of the information provided herein should be considered to be a representation of the fitness or suitability of the
product for any particular application or as any other form of warranty. Luminus Devices’product warranties are limited to only such warranties as
accompany a purchase contract or purchase order for such products. Nothing herein is to be construed as constituting an additional warranty. No
information contained in this publication may be considered as a waiver by Luminus Devices of any intellectual property rights that Luminus Devices
may have in such information. Big Chip LEDs™ is a registered trademark of Luminus Devices, Inc., all rights reserved.
This product is protected by U.S. Patents 6,831,302; 7,074,631; 7,083,993; 7,084,434; 7,098,589; 7,105,861; 7,138,666; 7,166,870; 7,166,871; 7,170,100;
7,196,354; 7,211,831; 7,262,550; 7,274,043; 7,301,271; 7,341,880; 7,344,903; 7,345,416; 7,348,603; 7,388,233; 7,391,059 Patents Pending in the U.S. and
other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com