Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet(PDF) 1 Page - Luminus, Inc

Part # SST-90-R
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R Datasheet(HTML) 1 Page - Luminus, Inc

  SST-90-R Datasheet HTML 1Page - Luminus, Inc SST-90-R Datasheet HTML 2Page - Luminus, Inc SST-90-R Datasheet HTML 3Page - Luminus, Inc SST-90-R Datasheet HTML 4Page - Luminus, Inc SST-90-R Datasheet HTML 5Page - Luminus, Inc SST-90-R Datasheet HTML 6Page - Luminus, Inc SST-90-R Datasheet HTML 7Page - Luminus, Inc SST-90-R Datasheet HTML 8Page - Luminus, Inc SST-90-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Applications
• Machine vision
• High-output strobing applications
• Beacons, obstruction lighting
• Industrial Applications
• Consumer Portable
• Medical Lighting
• Emergency Vehicle Lighting
• Displays and Signage
• High-output, directional transporta-
tion lighting
• Search Light
Features:
• Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
• High thermal conductivity package - junction to case thermal resistance of only
0.5 °C/W
• Large, monolithic chip with uniform emitting area of 9 mm2
• Environmentally friendly: RoHS compliant
• Variable drive currents: less than 1 A through 18 A continuous waveform
• High reliability
• Electrically isolated thermal path
Table of Contents
Technology Overview ......2
Test Specifications .........2
Binning Structure ..........3
Part Number Nomenclature4
Product Shipping &
Labeling Information.......5
Optical & Electrical Characteris-
tics ........................6
Thermal Resistance ........9
Mechanical Dimensions .. 10
Solder Profile ............ 13
History of Changes ....... 14
1
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R LEDs
SST-90-R Product Datasheet


Similar Part No. - SST-90-R

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-F11-N2 LUMINUS-SST-90-W57S-F11-N2 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-F11-N3 LUMINUS-SST-90-W57S-F11-N3 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-R11-N2 LUMINUS-SST-90-W57S-R11-N2 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
SST-90-W57S-R11-N3 LUMINUS-SST-90-W57S-R11-N3 Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results

Similar Description - SST-90-R

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
Texas Instruments
PT6600 TI1-PT6600_14 Datasheet
1Mb / 9P
Single Device 9A Output
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
High optical output at 2 A: up to 253 Red lumens
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SBT-90 LUMINUS-SBT-90 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com