Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R Datasheet(PDF) 4 Page - Luminus, Inc

Part # SST-90-R
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R Datasheet(HTML) 4 Page - Luminus, Inc

  SST-90-R Datasheet HTML 1Page - Luminus, Inc SST-90-R Datasheet HTML 2Page - Luminus, Inc SST-90-R Datasheet HTML 3Page - Luminus, Inc SST-90-R Datasheet HTML 4Page - Luminus, Inc SST-90-R Datasheet HTML 5Page - Luminus, Inc SST-90-R Datasheet HTML 6Page - Luminus, Inc SST-90-R Datasheet HTML 7Page - Luminus, Inc SST-90-R Datasheet HTML 8Page - Luminus, Inc SST-90-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
PDS-002760 Rev 01 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
Part Number Nomenclature
Product Family
LED Emission Area
Color
Package Configuration
Bin kit
SST: Surface mount device,
Encapsulated
SSR: Surface mount device
mounted on an aluminum
star board
90: 9.0 mm2
<Y>: Color
R = Red
F11: 10.0 mm x 11.0 mm -
Surface mount, shipped in
25 unit trays.
R11: Surface mount device
mounted on an aluminum
star board
Flux and Chromaticity bin kit
code - See available ordering
codes below
SST-90 Bin Kit Order Codes
The following tables describe the bin kit ordering codes available for the SST-90 and SSR-90 products. Each bin kit specifies a minimum
flux as well as specific chromaticity bins allowed. Please note that within each kit a maximum flux is not specified and as a result Luminus
may ship any part meeting or exceeding the minimum flux specification. Shipments will always meet the listed chromaticity bins. For
information on ordering bin kits not listed below, please contact Luminus or an official distributor.
Color
Luminous Flux
Wavelength Bins
Kit Number
Bin Kit Flux
Code
Min. Flux
Red
HG
275
R2, R3, R4, R5
HG100
R3, R4
HG102
HH
350
R2, R3, R4, R5
HH100
R3, R4
HH102
HJ
475
R2, R3, R4, R5
HJ100
R3, R4
HJ102
SS<X>
90
<Y>
<Z>11
<abnnn>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com