Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3374 Datasheet (PDF) - Analog Devices

Part # LTC3374
Description  20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
File Size   1625.1 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet (PDF) - Analog Devices



Similar Part No. - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3374 AD-LTC3374 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374 AD-LTC3374 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results


Similar Description - LTC3374

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Linear Technology
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com