Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7219 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
File Size   2162.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet (PDF) - Texas Instruments



Similar Part No. - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI2-TMUX7219 Datasheet
2Mb / 51P
TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
REVISED JULY 2024
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Similar Description - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7236 TI-TMUX7236 Datasheet
1Mb / 35P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
MARCH 2022
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7236 TI-TMUX7236_V01 Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com