Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DRA10 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # 10DRA10
Description  FRD - 1A 100V 60ns
File Size   59.65 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10DRA10 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - 10DRA10

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA10 NI-10DRA10_15 Datasheet
111Kb / 1P
FRED
10DRA10_2015 NI-10DRA10_2015 Datasheet
111Kb / 1P
FRED
More results


Similar Description - 10DRA10

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DDA10 NIEC-10DDA10 Datasheet
41Kb / 5P
DIODE - 1A 100V TJ=150C
10DRA20 NIEC-10DRA20 Datasheet
58Kb / 5P
FRD - 1A 200V 60ns
10DRA40 NIEC-10DRA40 Datasheet
58Kb / 5P
FRD - 1A 400V 120ns
10DRA60 NIEC-10DRA60 Datasheet
58Kb / 5P
FRD - 1A 600A 120ns
10ERB10 NIEC-10ERB10 Datasheet
70Kb / 5P
FRD - 1A 100V 60ns
10ERB20 NIEC-10ERB20 Datasheet
70Kb / 5P
FRD - 1A 200V 60ns
10ERB60 NIEC-10ERB60 Datasheet
70Kb / 5P
FRD - 1A 600V 120ns
15KRA10 NIEC-15KRA10 Datasheet
64Kb / 5P
FRD - 1.5A 100V 90ns
logo
Silicon Supplies
MURC1540 SS-MURC1540 Datasheet
1Mb / 4P
400V 15A 60ns Rectifier
Rev 1.0 27/12/22
1N4002 SS-1N4002 Datasheet
283Kb / 2P
100V 1A Standard Rectifier
Rev 1.0 25/08/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com