Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFGY100T65SPD Datasheet (PDF) - ON Semiconductor

Part # AFGY100T65SPD
Description  Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
File Size   252.91 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AFGY100T65SPD Datasheet (PDF) - ON Semiconductor



Similar Part No. - AFGY100T65SPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD ONSEMI-AFGY160T65SPD Datasheet
3Mb / 10P
IGBT - Field Stop, Trench, Soft Fast Recovery Diode 650 V, 160 A
November, 2019 - Rev. 3
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 12P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning 650 V, 160 A
July, 2024 - Rev. 3
More results


Similar Description - AFGY100T65SPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
60 A, 650 V field stop trench gate IGBT with very fast diode
09-Jan-2013
logo
ON Semiconductor
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGY160T65SPD-F085 ONSEMI-FGY160T65SPD-F085 Datasheet
3Mb / 10P
IGBT - Field Stop, Trench, Soft Fast Recovery Diode 650 V, 160 A
November, 2019 - Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com