| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
MKL82Z128VLK7
|
1Mb / 133P |
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016 |
|
MKL82Z128VMC7
|
1Mb / 133P |
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016 |
|
K32L3A
|
1Mb / 162P |
72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
Rev. 1, 09/2019 |
 Renesas Technology Corp |
RA6M3
|
1Mb / 116P |
Leading performance 120-MHz Arm Cortex-M4 core, up to 2-MB code flash memory
|
 STMicroelectronics |
STM32G473CB
|
2Mb / 229P |
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
October 2020 Rev 3 |
|
STM32G483CE
|
2Mb / 230P |
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
November 2020 Rev 3 |
 Renesas Technology Corp |
RA2E2
|
1Mb / 98P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
Mar 31, 2022 |
|
RA4E1
|
1Mb / 81P |
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation,8 KB
Feb 4, 2022 |
|
RA4M2
|
1Mb / 92P |
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021 |
|
S5D5
|
1Mb / 100P |
Leading performance 120 MHz Arm® Cortex®-M4 core, up to 1-MB code flash memory, 384-KB SRAM
Rev.1.30 Aug 2019 |