Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFB Datasheet (PDF) - Renesas Technology Corp

Part # R5F56517FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
File Size   2832.82 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFB Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - R5F56517FDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56517FDFB RENESAS-R5F56517FDFB Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
R5F56517FDFB RENESAS-R5F56517FDFB Datasheet
2Mb / 188P
Renesas MCUs
Rev.2.40 Oct 31, 2023
More results


Similar Description - R5F56517FDFB

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3178-120 KR-3178-120 Datasheet
101Kb / 3P
120 MHz Bandpass Filter
3185 KR-3185 Datasheet
58Kb / 3P
120 MHz Bandpass Filter
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Renesas Technology Corp
RA6M1 RENESAS-RA6M1 Datasheet
1Mb / 92P
Armv7E-M architecture with DSP instruction set Maximum operating frequency: 120 MHz
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com