Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F56517FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F56517FDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 246 page
background image
RX65N Group, RX651 Group
Renesas MCUs
Datasheet
R01DS0276EJ0230 Rev.2.30
Page 1 of 246
Jun 20, 2019
Features
■ 32-bit RXv2 CPU core
 Max. operating frequency: 120 MHz
Capable of 240 DMIPS in operation at 120 MHz
 Single precision 32-bit IEEE-754 floating point
 Two types of multiply-and-accumulation unit (between memories
and between registers)
 32-bit multiplier (fastest instruction execution takes one CPU clock
cycle)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 3.6-V supply
 Low power consumption: A product that supports all peripheral
functions draws only 0.19 mA/MHz (Typ.).
 RTC is capable of operation from a dedicated power supply.
 Four low-power modes
■ On-chip code flash memory
 Supports versions with up to 2 Mbytes of ROM
 No wait cycles at up to 50 MHz or when the ROM cache is hit, one-
wait state at up to 100 MHz, two-wait state at above 100 MHz
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM, no wait states
 256K/640 Kbytes of SRAM (no wait states)
 8 Kbytes of standby RAM (backup on deep software standby)
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel
 EXDMAC: 2 channels
 DMAC for the Ethernet controller: 1 channel
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal resonator or internal PLL for operation at 8 to 24
MHz
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Real-time clock counting and binary counting modes are selectable
 Time capture function
(for capturing times in response to event-signal input)
■ Independent watchdog timer
 120-kHz (1/2 LOCO frequency) clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, frequency measurement, CRCA,
IWDTa, self-diagnostic function for the A/D converter, etc.
 Register write protection function can protect values in important
registers against overwriting.
■ Various communications interfaces
 Ethernet MAC (1 channel)
 PHY layer (1 channel) for host/function or OTG controller
(1 channel) with full-speed USB 2.0 transfer
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes (up
to 2 channels)
 SCIg and SCIh with multiple functionalities (up to 11 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 SCIi with 16-byte transmission and reception FIFOs (up to 2
channels)
 I2C bus interface for transfer at up to 1 Mbps (up to 3 channels)
 Four-wire QSPI (1 channel) in addition to RSPIc (3 channels)
 Parallel data capture unit (PDC) for the CMOS camera interface
 Graphic-LCD controller (GLCDC)
 2D drawing engine (DRW2D)
 SD host interface (optional: 1 channel) with a 1- or 4-bit SD bus for
use with SD memory or SDIO
 SD slave interface (optional: 1 channel) with a 1- or 4-bit SD bus for
use with SD host interface
 MMCIF with 1-, 4-, or 8-bit transfer bus width
■ External address space
 Buses for full-speed data transfer (max. operating frequency of 60
MHz)
 8 CS areas
 8-, 16-, or 32-bit bus space is selectable per area
 Independent SDRAM area (128 Mbytes)
■ Up to 25 extended-function timers
 16-bit TPUa, MTU3a
 8-bit TMRa (4 channels), 16-bit CMT (4 channels), 32-bit CMTW (2
channels)
■ 12-bit A/D converter
 Two 12-bit units (8 channels for unit 0; 21 channels for unit 1)
 Self diagnosis, detection of analog input disconnection
■ 12-bit D/A converter: 2 channels
■ Temperature sensor for measuring temperature
within the chip
■ Encryption functions (optional)
 AES (key lengths: 128, 192, and 256 bits)
 Trusted Secure IP (TSIP)
■ Up to 136 pins for general I/O ports
 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating temp. range
 D-version: –40C to +85C
 G-version: –40C to +105C
PLQP0176KB-A 24 × 24 mm, 0.5-mm pitch
PLQP0144KA-B 20 × 20 mm, 0.5-mm pitch
PLQP0100KB-B 14 × 14 mm, 0.5-mm pitch
PLQP0064KB-C 10 × 10 mm, 0.5-mm pitch
PTLG0177KA-A 8 × 8 mm, 0.5-mm pitch
PTLG0145KA-A 7 × 7 mm, 0.5-mm pitch
PTLG0100JA-A 7 × 7 mm, 0.65-mm pitch
PLBG0176GA-A 13 × 13mm, 0.8-mm pitch
PTBG0064KB-A 4.5 × 4.5mm, 0.5-mm pitch
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 2-MB flash memory
(supportive of the dual bank function), 640-KB SRAM, various communications interfaces including Ethernet MAC,
SD host interface (optional), SD slave interface (optional), quad SPI, and CAN, 12-bit A/D converter, RTC, Encryption
functions (optional), CMOS camera interface, Graphic-LCD controller, 2D drawing engine
R01DS0276EJ0230
Rev.2.30
Jun 20, 2019
Features


Similar Part No. - R5F56517FDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56517FDFB RENESAS-R5F56517FDFB Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
R5F56517FDFB RENESAS-R5F56517FDFB Datasheet
2Mb / 188P
Renesas MCUs
Rev.2.40 Oct 31, 2023
More results

Similar Description - R5F56517FDFB

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3178-120 KR-3178-120 Datasheet
101Kb / 3P
120 MHz Bandpass Filter
3185 KR-3185 Datasheet
58Kb / 3P
120 MHz Bandpass Filter
logo
NXP Semiconductors
NA-1429 PHILIPS-NA-1429 Datasheet
557Kb / 8P
BLS6G3135-120 at 3100-3500 MHz
Rev. 2-28 April 2015
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Renesas Technology Corp
RA6M1 RENESAS-RA6M1 Datasheet
1Mb / 92P
Armv7E-M architecture with DSP instruction set Maximum operating frequency: 120 MHz
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
RX113 RENESAS-RX113 Datasheet
2Mb / 131P
32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com