Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F56517FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFB Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F56517FDFB Datasheet HTML 26Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 27Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 28Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 29Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 30Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 31Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 32Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 33Page - Renesas Technology Corp R5F56517FDFB Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 30 of 246
Jun 20, 2019
Serial peripheral interface RSPCKA-A/RSPCKA-B/
RSPCKB-A/RSPCKB-B/
RSPCKC-A/RSPCKC-B
I/O
Clock input/output pins
MOSIA-A/MOSIA-B/
MOSIB-A/MOSIB-B/
MOSIC-A/MOSIC-B
I/O
Input or output data output from the master
MISOA-A/MISOA-B/
MISOB-A/MISOB-B/
MISOC-A/MISOC-B
I/O
Input or output data output from the slave
SSLA0-A/SSLA0-B/
SSLB0-A/SSLB0-B/
SSLC0-A/SSLC0-B
I/O
Input or output pins for slave selection
SSLA1-A/SSLA1-B/
SSLB1-A/SSLB1-B/
SSLC1-A/SSLC1-B,
SSLA2-A/SSLA2-B/
SSLB2-A/SSLB2-B/
SSLC2-A/SSLC2-B,
SSLA3-A/SSLA3-B/
SSLB3-A/SSLB3-B/
SSLC3-A/SSLC3-B
Output
Output pins for slave selection
Quad serial peripheral
interface
QSPCLK-A/QSPCLK-B
Output
QSPI clock output pins
QSSL-A/QSSL-B
Output
QSPI slave output pins
QMO-A/QMO-B,
QIO0-A/QIO0-B
I/O
Master transmit data/data 0
QMI-A/QMI-B,
QIO1-A/QIO1-B
I/O
Master input data/data 1
QIO2-A/QIO2-B,
QIO3-A/QIO3-B
I/O
Data 2, data 3
MMC host interface
MMC_CLK-A/
MMC_CLK-B
Output
MMC clock pins
MMC_CMD-A/
MMC_CMD-B
I/O
Command/response pins
MMC_D7-A/MMC_D7-B to
MMC_D0-A/MMC_D0-B
I/O
Transmit data/receive data
MMC_CD-A/MMC_CD-B
Input
Card detection pins
MMC_RES#-A/MMC_RES#-B
Output
MMC reset output pins
SD host interface
SDHI_CLK-A/SDHI_CLK-B/
SDHI_CLK-C
Output
SD clock output pins
SDHI_CMD-A/SDHI_CMD-B/
SDHI_CMD-C
I/O
SD command output, response input signal pins
SDHI_D3-A/SDHI_D3-B/
SDHI_D3-C to SDHI_D0-A/
SDHI_D0-B/SDHI_D0-C
I/O
SD data bus pins
SDHI_CD
Input
SD card detection pin
SDHI_WP
Input
SD write-protect signal
SD slave interface
SDSI_CLK-A/SDSI_CLK-B
Input
SD clock input pins
SDSI_CMD-A/SDSI_CMD-B
I/O
SD command input, response output signal pins
SDSI_D3-A/SDSI_D3-B,
SDSI_D2-A/SDSI_D2-B,
SDSI_D1-A/SDSI_D1-B,
SDSI_D0-A/SDSI_D0-B
I/O
SD data bus pins
Table 1.4
Pin Functions (6/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com