Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2950 Datasheet (PDF) - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
File Size   4369.75 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F2950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2950 RENESAS-F2950 Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
F2950EVBI RENESAS-F2950EVBI Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
F2950NEGK RENESAS-F2950NEGK Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
F2950NEGK8 RENESAS-F2950NEGK8 Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
F2950 RENESAS-F2950_V01 Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
More results


Similar Description - F2950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2950 RENESAS-F2950_V01 Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com