Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2955 Datasheet (PDF) - Renesas Technology Corp

Part # F2955
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
File Size   1760.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2955 Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F2955

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2955 RENESAS-F2955 Datasheet
1Mb / 21P
High Reliability SP5T RF Switch 50MHz to 8000MHz
November 1, 2023
F2955EVBK RENESAS-F2955EVBK Datasheet
1Mb / 21P
High Reliability SP5T RF Switch 50MHz to 8000MHz
November 1, 2023
F2955NBGK RENESAS-F2955NBGK Datasheet
1Mb / 21P
High Reliability SP5T RF Switch 50MHz to 8000MHz
November 1, 2023
F2955NBGK8 RENESAS-F2955NBGK8 Datasheet
1Mb / 21P
High Reliability SP5T RF Switch 50MHz to 8000MHz
November 1, 2023
F2955 RENESAS-F2955_V01 Datasheet
1Mb / 21P
High Reliability SP5T RF Switch 50MHz to 8000MHz
November 1, 2023
More results


Similar Description - F2955

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com