Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2972 Datasheet (PDF) - Renesas Technology Corp

Part # F2972
Description  High Linearity Broadband SP2T 5MHz to 10GHz
File Size   5941.1 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2972 Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F2972

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2972EVBI-50OHM IDT-F2972EVBI-50OHM Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2972EVBI-75OHM IDT-F2972EVBI-75OHM Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2972NEGK IDT-F2972NEGK Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2972NEGK8 IDT-F2972NEGK8 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
More results


Similar Description - F2972

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
High Linearity Broadband SP2T 30MHz to 6GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com