Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482 Datasheet (PDF) - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
File Size   4251.89 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F4482

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
logo
Integrated Technology F...
F4485 ITF-F4485 Datasheet
321Kb / 7P
SAW Bandpass Filter
2004-10-25
More results


Similar Description - F4482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
High Performance Quad DVGA
logo
TriQuint Semiconductor
TGA4960-SL TRIQUINT-TGA4960-SL_15 Datasheet
132Kb / 1P
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
logo
Texas Instruments
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
High Performance Quad DVGA
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F1129MB RENESAS-F1129MB Datasheet
2Mb / 22P
50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
F1429MB RENESAS-F1429MB Datasheet
2Mb / 21P
100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com