Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F4482 Datasheet HTML 1Page - Renesas Technology Corp F4482 Datasheet HTML 2Page - Renesas Technology Corp F4482 Datasheet HTML 3Page - Renesas Technology Corp F4482 Datasheet HTML 4Page - Renesas Technology Corp F4482 Datasheet HTML 5Page - Renesas Technology Corp F4482 Datasheet HTML 6Page - Renesas Technology Corp F4482 Datasheet HTML 7Page - Renesas Technology Corp F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DIFF-In / SE-Out Quad Path TX
DVGA 1300MHz to 2800MHz
F4482
Datasheet
© 2020 Renesas Electronics Corporation
1
December 15, 2020
Description
The F4482 is a 1300MHz to 2800MHz Quad Path TX DVGA
outfitted with 100Ω differential inputs and 50Ω single-ended
outputs. The device is part of a complete family of VGAs targeting
FDD and TDD applications within the 400MHz to 4200MHz
frequency range.
Using a single 3.3V power supply and only 500mA of ICC, the F4482
provides four independent transmit paths, each with 28dB typical
maximum gain, +34dBm OIP3, +17dBm output P1dB, and 5.7dB
NF. Each channel includes a glitch-free digital step attenuator that
reduces gain by up to 31.5dB in precise 0.5dB steps.
The F4482 is packaged in an 8 × 8 mm 56-LGA, with matched
100Ω differential input and 50Ω single-ended output impedances
for ease of integration into the signal path.
Competitive Advantage
Combines four independent TX channels consisting of an
LPF, LNA, DSA, and Driver in a compact 8 × 8 LGA package
Low DC power
High linearity
High reliability
Uses Renesas’ patented Zero-DistortionTM and Glitch-FreeTM
technologies, providing superior performance and PA damage
protection over the entire RF gain range
Typical Applications
4G and 5G Multi-mode, Multi-carrier Transmitters
LTE and UMTS/WCDMA Base Stations
Active Antenna Systems
Digital Radio
Features
Independent Quad Channels for FDD TX applications
RF Range: 1300MHz to 2800MHz
•
F4481: 400MHz to 1100MHz
28dB Typical Maximum Gain at 2100MHz
Precise SPI-Controlled Glitch-FreeTM Gain Adjustment
•
31.5dB Gain Range with 0.5dB Step Size
5.7dB NF at 2100MHz
+34dBm OIP3 at 2100MHz
+17dBm Output P1dB at 2100MHz
3.3V Supply Voltage
ICC = 500mA
100Ω Differential Input Impedances
50Ω Single-ended Output Impedances
1.8V and 3.3V Logic Support
Independent Channel Standby Modes for Power Savings
Operating Temperature (TEP) Range: -40°C to +105°C
8 × 8 mm, 56-LGA package
Block Diagram


Similar Part No. - F4482

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
logo
Integrated Technology F...
F4485 ITF-F4485 Datasheet
321Kb / 7P
SAW Bandpass Filter
2004-10-25
More results

Similar Description - F4482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
High Performance Quad DVGA
logo
TriQuint Semiconductor
TGA4960-SL TRIQUINT-TGA4960-SL_15 Datasheet
132Kb / 1P
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
logo
Texas Instruments
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
High Performance Quad DVGA
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F1129MB RENESAS-F1129MB Datasheet
2Mb / 22P
50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
F1429MB RENESAS-F1429MB Datasheet
2Mb / 21P
100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com