Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 14Page - Renesas Technology Corp F4482 Datasheet HTML 15Page - Renesas Technology Corp F4482 Datasheet HTML 16Page - Renesas Technology Corp F4482 Datasheet HTML 17Page - Renesas Technology Corp F4482 Datasheet HTML 18Page - Renesas Technology Corp F4482 Datasheet HTML 19Page - Renesas Technology Corp F4482 Datasheet HTML 20Page - Renesas Technology Corp F4482 Datasheet HTML 21Page - Renesas Technology Corp F4482 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
18
December 15, 2020
Electrical Characteristics – Band 2 (1700MHz to 2800MHz)
See the F4482 Typical Application Circuit. Unless stated otherwise, specifications apply when operated with VCC = +3.3V, TEP = +25°C,
fRF = 2100MHz, STBY_A = STBY_B = STBY_C = STBY_D = HIGH, ZS = 100Ω differential, ZL = 50Ω single-ended, maximum gain setting,
and output power = 0dBm/tone. EVKit trace and connector losses are de-embedded.
Table 6. Electrical Characteristics – Band 2 (1700MHz to 2800MHz)
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF Input Return Loss
RLIN
8[a]
10
dB
RF Output Return Loss
RLOUT
11.5
19
dB
Maximum Gain
GMAX
DSA 0dB Attenuation
25.5
28
29
dB
Mid-Range Gain
GMID
DSA 14dB Attenuation
11
13.5
16
dB
Minimum Gain
GMIN
DSA 31.5dB Attenuation
-6.5
-4
-2
dB
Gain Variation Over Temperature
GTEMP
DSA 0dB Attenuation
Over TEP = -40°C to +105°C,
and relative to 25°C
+1 / -1.25
dB
DSA 14dB Attenuation
Over TEP = -40°C to +105°C,
and relative to 25°C
+0.8/ -1.1
Gain Flatness
GFLAT
Any 400MHz BW
0.4
dB
Any 800MHz BW
0.8
Gain Ripple
GRIPPLE
In any 20MHz range
0.2
dB
Intra-die Channel-to-Channel
Differences in Gain
GA - GB
Worst case difference in Gain
for any 2dB step over the 0dB
to 30dB attenuation range (with
channels A and B both set to
identical DSA attenuation
levels).
0.2
dB
Reverse Isolation
GREV
DSA 0dB Attenuation
-47
dB
DSA 31.5dB Attenuation
-78
Intra-die Channel Isolation [b]
ISOLA-B
Any RF input/output
combination involving
channel A paired with
channel B
DSA 0dB Attenuation
45
50
dB
Inter-die Channel Isolation [b]
ISOLB-C
Any RF input/output
combination involving
channel B (die 1) paired with
channel C (die 2).
DSA 0dB Attenuation
50
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com