Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 28Page - Renesas Technology Corp F4482 Datasheet HTML 29Page - Renesas Technology Corp F4482 Datasheet HTML 30Page - Renesas Technology Corp F4482 Datasheet HTML 31Page - Renesas Technology Corp F4482 Datasheet HTML 32Page - Renesas Technology Corp F4482 Datasheet HTML 33Page - Renesas Technology Corp F4482 Datasheet HTML 34Page - Renesas Technology Corp F4482 Datasheet HTML 35Page - Renesas Technology Corp F4482 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
32
December 15, 2020
Figure 56. Band 1 OIP3 at DSA = 0dB
Figure 57. Band 1 OIP3 at DSA = 4dB
Figure 58. Band 1 OIP3 at DSA = 14dB
Figure 59. Band 1 OIP3 at DSA = 28dB
Figure 60. Band 2 OIP3 at DSA = 0dB
Figure 61. Band 2 OIP3 at DSA = 4dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com