Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFT1303N Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PFT1303N
Description  THYRISTOR MODULE 130A/300V to 600V
File Size   241.29 Kbytes
Html View  1   2   3   4 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1303N Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PFT1303N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1303N NIEC-PFT1303N Datasheet
221Kb / 3P
130A Avg 300~600 Volts
PFT1303N NIEC-PFT1303N_1 Datasheet
221Kb / 3P
130A Avg 300~600 Volts
logo
National Instruments Co...
PFT1303N NI-PFT1303N_15 Datasheet
221Kb / 3P
THYRISTOR
More results


Similar Description - PFT1303N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1503N NIEC-PFT1503N Datasheet
241Kb / 4P
THYRISTOR MODULE 150A / 300V to 600V
30KRC60 NIEC-30KRC60 Datasheet
995Kb / 8P
THYRISTOR - 30A, 600V, TO-247
PFT903N NIEC-PFT903N Datasheet
238Kb / 4P
THYRISTOR MODULE 90A/300V to 600V
logo
Micross Components
MIMMK130S160UK MICROSS-MIMMK130S160UK Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK130S160UA MICROSS-MIMMK130S160UA Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
logo
MacMic
MMD130A MACMIC-MMD130A Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A180B MACMIC-MMD130A180B Datasheet
217Kb / 3P
130A Rectifier Diode Module
MMD130S MACMIC-MMD130S Datasheet
196Kb / 3P
130A Rectifier Diode Module
MMK150X030DA MACMIC-MMK150X030DA Datasheet
268Kb / 3P
300V 150A Thyristor Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com