Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFT1303N Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PFT1303N
Description  THYRISTOR MODULE 130A/300V to 600V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1303N Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PFT1303N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT1303N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT1303N Datasheet HTML 3Page - Nihon Inter Electronics Corporation PFT1303N Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:140g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PFT1303N
PFT1306N
Unit
Repetitive Peak Off-State Voltage
VDRM
300
600
Non Repetitive Peak Off-State Voltage
VDSM
400
700
V
Repetitive Peak Reverse Voltage
VRRM
300
600
Non Repetitive Peak Reverse Voltage
VRSM
400
700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=100
°C
130
A
RMS On-State Current
IT(RMS)
204
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse,
Non-Repetitive
2250
A
I Squared t
I2t
2msec to 10msec
25300
A2s
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Case mounting
Greased
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M6 Screw
2.5 to 3.5
N•m
Value per 1 Arm
FEATURES
* 3 Phase Anode Common
Half Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PFT1 303N
PFT1 303N
PFT1 303N
PFT1 303N
PFT1 306N
PFT1 306N
PFT1 306N
PFT1 306N
OUTLINE DRAWING
130A / 300V to 600V
φ
φ


Similar Part No. - PFT1303N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1303N NIEC-PFT1303N Datasheet
221Kb / 3P
130A Avg 300~600 Volts
PFT1303N NIEC-PFT1303N_1 Datasheet
221Kb / 3P
130A Avg 300~600 Volts
logo
National Instruments Co...
PFT1303N NI-PFT1303N_15 Datasheet
221Kb / 3P
THYRISTOR
More results

Similar Description - PFT1303N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1503N NIEC-PFT1503N Datasheet
241Kb / 4P
THYRISTOR MODULE 150A / 300V to 600V
30KRC60 NIEC-30KRC60 Datasheet
995Kb / 8P
THYRISTOR - 30A, 600V, TO-247
PFT903N NIEC-PFT903N Datasheet
238Kb / 4P
THYRISTOR MODULE 90A/300V to 600V
logo
Micross Components
MIMMK130S160UK MICROSS-MIMMK130S160UK Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK130S160UA MICROSS-MIMMK130S160UA Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
1600V 130A thyristor Module RoHS Compliant
logo
MacMic
MMD130A MACMIC-MMD130A Datasheet
328Kb / 3P
130A Rectifier Diode Module
MMD130A180B MACMIC-MMD130A180B Datasheet
217Kb / 3P
130A Rectifier Diode Module
MMD130S MACMIC-MMD130S Datasheet
196Kb / 3P
130A Rectifier Diode Module
MMK150X030DA MACMIC-MMK150X030DA Datasheet
268Kb / 3P
300V 150A Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com