Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHMB800A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PHMB800A6
Description  IGBT MODULE Single 800A 600V
File Size   109.25 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHMB800A6 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PHMB800A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB800B12 NIEC-PHMB800B12 Datasheet
190Kb / 3P
IGBT Module-Dual
logo
National Instruments Co...
PHMB800B12 NI-PHMB800B12_15 Datasheet
190Kb / 3P
IGBT
logo
Nihon Inter Electronics...
PHMB800BS12 NIEC-PHMB800BS12 Datasheet
309Kb / 4P
IGBT Module-Dual
logo
National Instruments Co...
PHMB800BS12 NI-PHMB800BS12_15 Datasheet
175Kb / 4P
IGBT
logo
Nihon Inter Electronics...
PHMB800E6 NIEC-PHMB800E6 Datasheet
280Kb / 4P
IGBT Module-Dual
More results


Similar Description - PHMB800A6

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI10L-060 FUJI-6MBI10L-060 Datasheet
123Kb / 3P
IGBT MODULE(600V 10A)
logo
Nihon Inter Electronics...
PHMB300A6 NIEC-PHMB300A6 Datasheet
107Kb / 3P
IGBT MODULE Single 300A 600V
PHMB400A6 NIEC-PHMB400A6 Datasheet
107Kb / 3P
IGBT MODULE Single 400A 600V
PHMB600A6 NIEC-PHMB600A6 Datasheet
108Kb / 3P
IGBT MODULE Single 600A 600V
logo
Sensitron
SCP-5115 SENSITRON-SCP-5115 Datasheet
80Kb / 3P
Hermetic Half Bridge IGBT Module 600V, 800A
logo
Littelfuse
MG06600WB-BN4MM LITTELFUSE-MG06600WB-BN4MM Datasheet
1Mb / 5P
600V 600A IGBT Module
MG06300D-BN4MM LITTELFUSE-MG06300D-BN4MM Datasheet
1Mb / 5P
600V 300A IGBT Module
logo
MacMic
MMG800D060B6EN MACMIC-MMG800D060B6EN Datasheet
360Kb / 5P
600V 800A IGBT Module
MMG800K060U6EN MACMIC-MMG800K060U6EN Datasheet
278Kb / 5P
600V 800A IGBT Module
MMG800K120U6HN MACMIC-MMG800K120U6HN Datasheet
556Kb / 5P
1200V 800A IGBT Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com