Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT50S8 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PT50S8
Description  DIODE MODULE 50A/800V
File Size   50.39 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT50S8 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PT50S8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT50S8 NIEC-PT50S8 Datasheet
281Kb / 2P
50A Avg 800 Volts
PT50S8 NIEC-PT50S8_1 Datasheet
281Kb / 2P
50A Avg 800 Volts
logo
National Instruments Co...
PT50S8 NI-PT50S8_15 Datasheet
281Kb / 2P
DIODE
More results


Similar Description - PT50S8

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S50VB80 SHINDENGEN-S50VB80 Datasheet
302Kb / 5P
Bridge Diode(800V 50A)
logo
Nihon Inter Electronics...
PT768 NIEC-PT768 Datasheet
137Kb / 3P
DIODE MODULE 75A/800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
DIODE MODULE 100A/800V
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
PT508C NIEC-PT508C Datasheet
116Kb / 3P
DIODE MODULE 50A/800V
PT518 NIEC-PT518 Datasheet
137Kb / 3P
DIODE MODULE 50A/800V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com