Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT1018 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PT1018
Description  DIODE MODULE 100A/800V
File Size   142.0 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT1018 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PT1018

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PT1018 NI-PT1018_15 Datasheet
120Kb / 2P
DIODE
More results


Similar Description - PT1018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PT768 NIEC-PT768 Datasheet
137Kb / 3P
DIODE MODULE 75A/800V
PT100S8 NIEC-PT100S8 Datasheet
51Kb / 5P
DIODE MODULE 100A/800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
DIODE MODULE 100A/800V
PCH1008 NIEC-PCH1008 Datasheet
252Kb / 5P
THYRISTOR MODULE 100A/800V
PE1008N NIEC-PE1008N Datasheet
196Kb / 3P
DIODE MODULE 100A/800V
PGH1008AM NIEC-PGH1008AM Datasheet
239Kb / 4P
THYRISTOR MODULE 100A / 800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com