Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500ACMUP_S4 Datasheet (PDF) - GAPTEC Electronic GmbH & Co. KG

Part # 500ACMUP_S4
Description  500W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
File Size   1502.82 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

500ACMUP_S4 Datasheet (PDF) - GAPTEC Electronic GmbH & Co. KG



Similar Part No. - 500ACMUP_S4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
Mimix Broadband
500A MIMIX-500A Datasheet
183Kb / 1P
Units operate over the full 10.7-11.7 GHz frequency range
500A MIMIX-500A Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
TDK Electronics
500A-1.5KV-NEG TDK-500A-1.5KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
More results


Similar Description - 500ACMUP_S4

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
Open Frame Switching Power Supply
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
Open Frame Switching Power Supply
logo
Volgen Kaga Electronics...
KLT15F VOLGEN-KLT15F Datasheet
192Kb / 2P
15 WATT, Universal Input Open Frame Switching Power Supply
KLT30F VOLGEN-KLT30F Datasheet
195Kb / 2P
30 WATT, Universal Input Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
Open Frame Switching Power Supply
logo
Mean Well Enterprises C...
EPP-500 MEANWELL-EPP-500 Datasheet
150Kb / 5P
500W Green Open Frame Power Supply
logo
GAPTEC Electronic GmbH ...
65ACMOP GAPTEC-65ACMOP Datasheet
746Kb / 3P
65W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
180ACMOP GAPTEC-180ACMOP Datasheet
752Kb / 2P
180W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
280ACMOP GAPTEC-280ACMOP Datasheet
2Mb / 5P
280W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
360ACMOP GAPTEC-360ACMOP Datasheet
1Mb / 4P
360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com