Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS20U60 Datasheet (PDF) - First Silicon Co., Ltd

Part # SS20U60
Description  Surface Mount Schott ky Rectifier Reve rse Voltage 60V , Forward Current 20A
File Size   281.99 Kbytes
Html View  1   2   3 
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS20U60 Datasheet (PDF) - First Silicon Co., Ltd



Similar Part No. - SS20U60

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
TOKYO SEIMITSU CO., LTD
SS20 ACCRETECH-SS20 Datasheet
583Kb / 2P
New standard for semi-automatic dicers with enhanced operability
logo
Pro-Power
SS20 PROPOWER-SS20 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
More results


Similar Description - SS20U60

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
SGC2060SA GOOD-ARK-SGC2060SA_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
SGC2050S GOOD-ARK-SGC2050S_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 20A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
logo
First Silicon Co., Ltd
SS5U45 FS-SS5U45 Datasheet
440Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 5A
SS15U45 FS-SS15U45 Datasheet
292Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 15A
SS15U50 FS-SS15U50 Datasheet
292Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 50V , Forward Current 15A
SS15U60 FS-SS15U60 Datasheet
508Kb / 3P
Surface Mount Schottky Rectifier Reve rse Voltage 60V , Forward Current 15A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com