Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB-SERIES Datasheet (PDF) - TXC Corporation.

Part # DB-SERIES
Description  LVPECL output, output frequencies 25 MHz to 200 MHz.
File Size   936.22 Kbytes
Html View  1 
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

DB-SERIES Datasheet (PDF) - TXC Corporation.



Similar Part No. - DB-SERIES

ManufacturerPart #DatasheetDescription
logo
C&K Components
DB-01-AV CK-COMPONENTS-DB-01-AV Datasheet
206Kb / 2P
Standard Profile DIP Switches
15 Mar 22
logo
Shenzhen Luguang Electr...
DB-1 LUGUANG-DB-1 Datasheet
214Kb / 2P
Silicon Bridge Rectifiers
logo
Continental Device Indi...
DB-1 CDIL-DB-1 Datasheet
145Kb / 3P
DB-1 Leaded Plastic Package
logo
AG Electronica
DB-15P AGELECTRONICA-DB-15P Datasheet
158Kb / 1P
CONECTOR TIPO D 15 PINES MACHO
27/11/2019
DB-15PAR AGELECTRONICA-DB-15PAR Datasheet
241Kb / 2P
CONECTOR DB-15P MACHO ANGULO RECTO
26/11/2019
More results


Similar Description - DB-SERIES

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VXO-P9-PE-6P QUARTZCOM-VXO-P9-PE-6P Datasheet
112Kb / 1P
SMD VCXO LVPECL Output frequency up to 200 MHz
logo
Xilinx, Inc
XCR3032XL-5PC44C XILINX-XCR3032XL-5PC44C Datasheet
85Kb / 8P
System frequencies up to 200 MHz
logo
TXC Corporation.
BB-SERIES TXC-BB-SERIES Datasheet
968Kb / 1P
LVPECL output, output frequencies 25MHz to 200MHz.
BG-SERIES TXC-BG-SERIES Datasheet
960Kb / 1P
LVDS output, output frequencies 75 MHz to 700MHz.
CS-SERIES TXC-CS-SERIES Datasheet
940Kb / 1P
LVPECL output, output frequencies 150 MHz to 700 MHz.
CX-SERIES TXC-CX-SERIES Datasheet
936Kb / 1P
HCSL output, output frequencies 25 MHz to 200 MHz.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DF-SERIES TXC-DF-SERIES Datasheet
932Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DH-SERIES TXC-DH-SERIES Datasheet
941Kb / 1P
HCSL output, output frequencies 25 MHz to 200 MHz.
DR-SERIES TXC-DR-SERIES Datasheet
948Kb / 1P
CMOS output, output frequencies 50 MHz to 200 MHz.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com