Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP153 Datasheet (PDF) - ON Semiconductor

Part # NCP153
Description  LDO Regulator - Dual, Low IQ
File Size   737.84 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP153 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCP153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
NCP1530 ONSEMI-NCP1530 Datasheet
135Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1530 ONSEMI-NCP1530 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1530DM25R2 ONSEMI-NCP1530DM25R2 Datasheet
133Kb / 16P
600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
More results


Similar Description - NCP153

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
ON Semiconductor
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCP171 ONSEMI-NCP171 Datasheet
1Mb / 22P
LDO Regulator - Ultra-Low Iq, Dual Power Mode 50nA, 80mA
December, 2019 ??Rev. 2
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
Microchip Technology
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com