Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8878 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8878
Description  7.5W single channel class F audio power amplifier
File Size   783.24 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8878 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM8878

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8870 HMSEMI-HM8870 Datasheet
664Kb / 7P
3.5W/3.7V, ultra low EMI, ultra low noise, anti-breaking, mono AB/D dual mode audio amplifier
HM8871 HMSEMI-HM8871 Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871DF HMSEMI-HM8871DF Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871ES HMSEMI-HM8871ES Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871MS HMSEMI-HM8871MS Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
More results


Similar Description - HM8878

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
AN7158N PANASONIC-AN7158N Datasheet
89Kb / 4P
Dual 7.5W Audio Power Amplifier Circuit
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
NTE Electronics
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
logo
Lowpower Semiconductor ...
LPA2153 POWER-LPA2153 Datasheet
944Kb / 13P
Filterless 2x8W Class- F Stereo Audio Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC8871 FUMAN-TC8871 Datasheet
198Kb / 6P
5W Single Channel Class F Audio Power Amplifier
logo
Princeton Technology Co...
PT3300 PTC-PT3300 Datasheet
140Kb / 4P
3.2W Class-F Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8876 HMSEMI-HM8876 Datasheet
490Kb / 9P
Single channel anti-breaking sound class F power amplifier
logo
Lowpower Semiconductor ...
LPA2172 POWER-LPA2172 Datasheet
445Kb / 10P
Filterless 5.2W Class- F Mono Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
8W single channel class F wide voltage audio power amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com