| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC1111
|
410Kb / 59P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010 |
|
LPC1102
|
255Kb / 38P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010 |
|
LPC122X
|
1Mb / 60P |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011 |
|
LPC1102
|
292Kb / 39P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011 |
|
LPC11CX2
|
520Kb / 62P |
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011 |
|
LPC122X_1108
|
513Kb / 61P |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011 |
|
LPC1102_1106
|
301Kb / 39P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011 |
 Holtek Semiconductor In... |
HT32F52243
|
6Mb / 44P |
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017 |
 NXP Semiconductors |
LPC1102
|
683Kb / 43P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013 |
|
LPC11D14
|
552Kb / 47P |
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM; 40 segment x 4 LCD driver
Rev. 2 ??23 July 2012 |