Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMCJ Datasheet (PDF) - Rectron Semiconductor

Part # 5.0SMCJ
Description  Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
File Size   521.64 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

5.0SMCJ Datasheet (PDF) - Rectron Semiconductor



Similar Part No. - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Yea Shin Technology Co....
5.0SMCJ YEASHIN-5.0SMCJ Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressors
logo
FutureWafer Tech Co.,Lt...
5.0SMCJ FUTUREWAFER-5.0SMCJ Datasheet
1Mb / 12P
5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
SMC Diode Solutions Co....
5.0SMCJ SMCDIODE-5.0SMCJ Datasheet
371Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. D
logo
Won-Top Electronics
5.0SMCJ WTE-5.0SMCJ Datasheet
107Kb / 6P
5000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
September, 2019
More results


Similar Description - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
New Jersey Semi-Conduct...
BZY91 NJSEMI-BZY91 Datasheet
88Kb / 2P
Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
logo
Goodwork Semiconductor ...
5KP GWSEMI-5KP Datasheet
189Kb / 4P
5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
E-CMOS Corporation
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
SMCJ E-CMOS-SMCJ Datasheet
761Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
5KP E-CMOS-5KP Datasheet
372Kb / 5P
Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
15KPA E-CMOS-15KPA Datasheet
378Kb / 3P
Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com