Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2152 Datasheet (PDF) - Efficient Power Conversion Corporation.

Part # EPC2152
Description  80 V, 15 A ePower??Stage PRELIMINARY
File Size   1782.45 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2152 Datasheet (PDF) - Efficient Power Conversion Corporation.



Similar Part No. - EPC2152

ManufacturerPart #DatasheetDescription
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2104 EPC-CO-EPC2104 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
More results


Similar Description - EPC2152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
logo
List of Unclassifed Man...
LC1D806G7 ETC2-LC1D806G7 Datasheet
79Kb / 4P
80 A - 120 V AC coil
logo
ON Semiconductor
NTMFD6H846NL ONSEMI-NTMFD6H846NL Datasheet
140Kb / 6P
MOSFET - Power, Dual N-Channel 80 V, 15 m, 31 A
March, 2020 ??Rev. 0
logo
Vishay Siliconix
SIC830 VISHAY-SIC830 Datasheet
158Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC825 VISHAY-SIC825 Datasheet
118Kb / 3P
SiC825, 80 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC820 VISHAY-SIC820 Datasheet
156Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
logo
ON Semiconductor
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
RURG80100-F085 ONSEMI-RURG80100-F085 Datasheet
544Kb / 7P
Ultrafast Rectifier 80 A, 1000 V
March, 2020 - Rev. 3
logo
Efficient Power Convers...
EPC23102 EPC-CO-EPC23102 Datasheet
1Mb / 15P
EPC23102 – ePower™ Stage IC
VERSION 1.0 DATE 7/20/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com