Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC830 Datasheet (PDF) - Vishay Siliconix

SIC830 Datasheet PDF - Vishay Siliconix
Part # SIC830
Download  SIC830 Download
File Size   158.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor

SIC830 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC830 Datasheet PDF - Vishay Siliconix

Part # SIC830
Download  SIC830 Click to download

File Size   158.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor

SIC830 Datasheet (HTML) - Vishay Siliconix


SIC830 Product details

• Thermally enhanced PowerPAK® MLP56-39L package
• Optimize MOSFET switching performance with integrated
Schottky diode in LS MOSFET
• Up to 80 A continuous current
• High frequency operation up to 2 MHz
• Power MOSFETs optimized for 12 V to 19 V input stage
and 10 % to 15 % duty cycle operation
• 3.3 V / 5 V PWM logic with tri-state and hold-off
• PWM minimum controllable on time of 30 ns
• Diode emulation mode at light loads for high efficiency
over the full load range using GLCTRL pin
• Low PWM propagation delay (< 20 ns)
• Current sense monitor (IMON)
• Temperature monitor (TMON)
• Over temperature alert
• HS MOSFET over-current and short alert
• Under voltage lockout for VDRV and BOOT




Similar Part No. - SIC830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC832 VISHAY-SIC832 Datasheet
158Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC832AED-T1-GE3 VISHAY-SIC832AED-T1-GE3 Datasheet
336Kb / 19P
50 A VRPower® Integrated Power Stage
16-Oct-17
More results


Similar Description - SIC830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
SIC840 VISHAY-SIC840 Datasheet
155Kb / 5P
100 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC832 VISHAY-SIC832 Datasheet
158Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC825 VISHAY-SIC825 Datasheet
118Kb / 3P
SiC825, 80 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC822 VISHAY-SIC822 Datasheet
157Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC820 VISHAY-SIC820 Datasheet
156Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
logo
STMicroelectronics
PM7080A STMICROELECTRONICS-PM7080A Datasheet
599Kb / 23P
Smart power stage with current sensing, temperature monitor and fault reporting
19-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com