Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC830 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC830
Description  80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC830 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC830 Datasheet HTML 1Page - Vishay Siliconix SIC830 Datasheet HTML 2Page - Vishay Siliconix SIC830 Datasheet HTML 3Page - Vishay Siliconix SIC830 Datasheet HTML 4Page - Vishay Siliconix SIC830 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 23-Sep-2019
2
Document Number: 76477
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Use millimeters as the primary measurement
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994
(3) N is the number of terminals
Nd is the number of terminals in X-direction and
Ne is the number of terminals in Y-direction
(4) Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip
(5) The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
(6) Exact shape and size of this feature is optional
(7) Package warpage max. 0.08 mm
(8) Applied only for terminals
K1
0.35 ref.
0.014 ref.
K2
0.40 ref.
0.016 ref.
K3
0.35 ref.
0.014 ref.
K4
0.40 ref.
0.016 ref.
K5
0.40 ref.
0.016 ref.
K6
0.40 ref.
0.016 ref.
K7
0.40 ref.
0.016 ref.
K8
2.048 ref.
0.081 ref.
K9
0.025 ref.
0.001 ref.
N (3)
39
39
Nd (3)
10
10
Ne (3)
10
10
ECN: T19-0296-Rev. D, 23-Sep-2019
DWG: 6074
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com