Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7080A Datasheet (PDF) - STMicroelectronics

PM7080A Datasheet PDF - STMicroelectronics
Part # PM7080A
Download  PM7080A Download
File Size   599.69 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart power stage with current sensing, temperature monitor and fault reporting

PM7080A Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7080A Datasheet PDF - STMicroelectronics

Part # PM7080A
Download  PM7080A Click to download

File Size   599.69 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smart power stage with current sensing, temperature monitor and fault reporting

PM7080A Datasheet (HTML) - STMicroelectronics


PM7080A Product details

Features
• Optimized MOSFET switching performance with integrated Schottky diode in LS
MOSFET
• 110 A peak and 60 A continuous current capability
• High frequency operation up to 1.5 MHz
• 3.3 V PWM logic with tri-state and hold-off
• PWM minimum controllable on-time of 30 ns
• Low PWM propagation delay (< 20 ns)
• Current sense monitor output 5mV/A (IMON) and 2% accuracy
• Temperature monitor output 8mV/C (TMON) and 2% accuracy
• Fault reporting and mapping through both IMON and TMON
– High Side MOSFET Short
– Accurate over-current protection
– Over-temperature protection
– Under-voltage lockout for VIN/VCC/VDRV/BOOT
• Thermally enhanced QFN 5x6 41L package

Application
• High performance synchronous buck converter
– Intel, AMD CPU power supply
– GPU, ASIC and AI chip power supply
– Cloud computing and AI
• DC/DC converters
• Telecom and networking

Description
The PM7080A is an integrated power stage solution optimized for synchronous buck
applications to offer high current, high efficiency, and high power density solution.
Packaged in 5x6 mm QFN package, the PM7080A enables voltage regulator design
to deliver above 110 A per phase peak current.
The internal power MOSFETs utilize state-of-the-art technology that delivers industry
benchmark performance to significantly reduce switching and conduction losses.
The PM7080A incorporates an advanced MOSFET gate driver IC that features high
current diving capability, adaptive dead-time control and integrated bootstrap switch
to enable high frequency switching up to 1.5MHz.
The device incorporates an innovative inductor current emulation algorithm with
thermal compensation to achieve best-in-class reporting accuracy. It also includes
a temperature monitor function with 2% accuracy. The PM7080A provides
comprehensive protection features, including cycle-by-cycle over-current protection,
over-temperature protection, high-side MOSFET short protection, VIN/VCC/VDRV/
BOOT UVLO protection. In addition to their analog reporting capability, the combined
logic outputs of IMON and TMON provide fault mapping to the PWM controller for
specific fault condition deciphering.
The PM7080A is compatible with industry-standard footprint.




Similar Part No. - PM7080A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
PM701 ARTESYN-PM701 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
logo
Polymaker Industrial
PM70244 POLYMAKER-PM70244 Datasheet
197Kb / 3P
PolyMide™ PA6-CF
PM70260 POLYMAKER-PM70260 Datasheet
372Kb / 3P
Polymaker™ PC-PBT
logo
Bourns Electronic Solut...
PM7032S-100M-RC BOURNS-PM7032S-100M-RC Datasheet
197Kb / 2P
Shielded SMD Power Inductor
More results


Similar Description - PM7080A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
Smart Power Stage Module with Integrated Temperature Monitor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Vishay Siliconix
SIC840 VISHAY-SIC840 Datasheet
155Kb / 5P
100 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC832 VISHAY-SIC832 Datasheet
158Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC830 VISHAY-SIC830 Datasheet
158Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC825 VISHAY-SIC825 Datasheet
118Kb / 3P
SiC825, 80 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC822 VISHAY-SIC822 Datasheet
157Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC820 VISHAY-SIC820 Datasheet
156Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com