Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7080A Datasheet(PDF) 2 Page - STMicroelectronics

Part # PM7080A
Description  Smart power stage with current sensing, temperature monitor and fault reporting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM7080A Datasheet(HTML) 2 Page - STMicroelectronics

  PM7080A Datasheet HTML 1Page - STMicroelectronics PM7080A Datasheet HTML 2Page - STMicroelectronics PM7080A Datasheet HTML 3Page - STMicroelectronics PM7080A Datasheet HTML 4Page - STMicroelectronics PM7080A Datasheet HTML 5Page - STMicroelectronics PM7080A Datasheet HTML 6Page - STMicroelectronics PM7080A Datasheet HTML 7Page - STMicroelectronics PM7080A Datasheet HTML 8Page - STMicroelectronics PM7080A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
Typical application and efficiency
Figure 1. Typical application circuit
MON
MON/FLT
EN
GND
P
GND
V
CC
V
DRV
SW
IN
PHASE
OUT
5 V
12 V
V
DRV
BOOT
V
V
A
PWM
I
REFIN
T
PWMx
ISENx
TSEN
CFILT
Figure 2. Efficiency vs. output current (VIN = 12 V, L = 150 nH, VCC = VDRV = 5 V)
10
70
73
76
79
82
85
88
91
94
97
100
0
10
20
30
40
IOUT - Output Current (A)
VOUT = 1.8V
FSW = 600kHz
VOUT = 1.8V
FSW = 800kHz
VOUT = 1.2V
FSW = 600kHz
VOUT = 1.2V
FSW = 800kHz
PM7080A
Typical application and efficiency
DS13910 - Rev 1
page 2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com