Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7080A Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM7080A
Description  Smart power stage with current sensing, temperature monitor and fault reporting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM7080A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM7080A Datasheet HTML 15Page - STMicroelectronics PM7080A Datasheet HTML 16Page - STMicroelectronics PM7080A Datasheet HTML 17Page - STMicroelectronics PM7080A Datasheet HTML 18Page - STMicroelectronics PM7080A Datasheet HTML 19Page - STMicroelectronics PM7080A Datasheet HTML 20Page - STMicroelectronics PM7080A Datasheet HTML 21Page - STMicroelectronics PM7080A Datasheet HTML 22Page - STMicroelectronics PM7080A Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
List of figures
Figure 1.
Typical application circuit ............................................................. 2
Figure 2.
Efficiency vs. output current (VIN = 12 V, L = 150 nH, VCC = VDRV = 5 V) ............................ 2
Figure 3.
Pinout (Top transparent view) .......................................................... 3
Figure 4.
Functional block diagram ............................................................. 7
Figure 5.
PWM timing diagram ................................................................ 7
Figure 6.
Driver current vs. driver voltage ....................................................... 11
Figure 7.
Driver current vs. switching frequency ................................................... 11
Figure 8.
Threshold voltage vs. temperature ..................................................... 11
Figure 9.
Quiescent current vs. temperature...................................................... 11
Figure 10.
Threshold voltage vs. temperature ..................................................... 12
Figure 11.
Threshold voltage vs. driver voltage .................................................... 12
Figure 12.
Quiescent current vs. driver voltage..................................................... 12
Figure 13.
Threshold voltage vs. driver voltage .................................................... 13
Figure 14.
Threshold voltage vs. temperature ..................................................... 13
Figure 15.
VIN/PGND planes and decoupling....................................................... 14
Figure 16.
VSWH plane .................................................................... 14
Figure 17.
VCIN/VDRV input filter ............................................................... 14
Figure 18.
BOOT resistor and capacitor placement.................................................. 14
Figure 19.
Signal routing .................................................................... 15
Figure 20.
Adding thermal relief vias ............................................................ 15
Figure 21.
Ground connection ................................................................ 15
Figure 22.
QFN 5x6 41L package outline ........................................................ 16
Figure 23.
QFN 5x6 41L footprint .............................................................. 18
PM7080A
List of figures
DS13910 - Rev 1
page 22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com