Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7080A Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM7080A
Description  Smart power stage with current sensing, temperature monitor and fault reporting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM7080A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM7080A Datasheet HTML 15Page - STMicroelectronics PM7080A Datasheet HTML 16Page - STMicroelectronics PM7080A Datasheet HTML 17Page - STMicroelectronics PM7080A Datasheet HTML 18Page - STMicroelectronics PM7080A Datasheet HTML 19Page - STMicroelectronics PM7080A Datasheet HTML 20Page - STMicroelectronics PM7080A Datasheet HTML 21Page - STMicroelectronics PM7080A Datasheet HTML 22Page - STMicroelectronics PM7080A Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Absolute maximum ratings (TA = 25 °C, unless otherwise noted) ................................... 4
Table 3.
Recommended operating conditions....................................................... 4
Table 4.
Electrical specifications................................................................ 5
Table 5.
Avanced fault report ................................................................. 10
Table 6.
QFN 5x6 41L mechanical data.......................................................... 16
Table 7.
Document revision history ............................................................. 19
PM7080A
List of tables
DS13910 - Rev 1
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com