Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC641ALP4E Datasheet (PDF) - Analog Devices

Part # HMC641ALP4E
Description  0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
File Size   518.88 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC641ALP4E Datasheet (PDF) - Analog Devices



Similar Part No. - HMC641ALP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Similar Description - HMC641ALP4E

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
0.1-6.0 GHz GaAs SP4T Switch
AS204-80 SKYWORKS-AS204-80_08 Datasheet
194Kb / 4P
GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
0.1-6.0 GHz GaAs SP4T Switch
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC641A AD-HMC641A Datasheet
296Kb / 10P
0.1 GHz to 18 GHz, GaAs SP4T Switch
10/2018-Rev. C to Rev. D
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com