Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPM1002 Datasheet (PDF) - Qorvo, Inc

Part # QPM1002
Description  8.5 ??10.5 GHz GaN T/R Module
File Size   1350.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPM1002 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPM1002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
logo
Qorvo, Inc
QPM1000 QORVO-QPM1000 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
QPM1000EVB01 QORVO-QPM1000EVB01 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
QPM1000TR7 QORVO-QPM1000TR7 Datasheet
654Kb / 12P
2 – 20 GHz Limiter/Low-Noise Amplifier
July 2024
More results


Similar Description - QPM1002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
Amplifier, Power, 10W 8.5-10.5 GHz
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
8.5 - 10.5 GHz 17dBm Amplifier
logo
Hittite Microwave Corpo...
HMC-C070 HITTITE-HMC-C070 Datasheet
349Kb / 6P
MicroSynth??INTEGRATED SYNTHESIZER MODULE, 5.5 - 10.5 GHz
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
QPA1022D QORVO-QPA1022D Datasheet
712Kb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
QPM2637 QORVO-QPM2637 Datasheet
1Mb / 18P
9 ??10.5 GHz GaN T/R Module
QPM2100 QORVO-QPM2100 Datasheet
1Mb / 17P
2.5 ??4.0 GHz Multi-Chip T/R Module
TGA3042-SM QORVO-TGA3042-SM Datasheet
796Kb / 18P
7 ??10.5 GHz 4.5 W GaN Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com