Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBS400 Datasheet (PDF) - Bel Fuse Inc.

Part # MBS400
Description  400 W rated power (440 W peak up to 10 s)
File Size   851.17 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBS400 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - MBS400

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBS400-1012 BEL-MBS400-1012 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
MBS400-1024 BEL-MBS400-1024 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
MBS400-1036 BEL-MBS400-1036 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
MBS400-1048 BEL-MBS400-1048 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
More results


Similar Description - MBS400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
STMicroelectronics
STTH3BCF060 STMICROELECTRONICS-STTH3BCF060 Datasheet
112Kb / 8P
suitable for PFC up to 400 W
28-Oct-2010
logo
E-CMOS Corporation
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
SMCJ E-CMOS-SMCJ Datasheet
761Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
5.0SMDJ E-CMOS-5.0SMDJ Datasheet
417Kb / 5P
Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
5KP E-CMOS-5KP Datasheet
372Kb / 5P
Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com