Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM040W Datasheet (PDF) - Schneider Electric

Part # RXM040W
Description  diode - 6..250 V DC - for RPZ/RXZ sockets
File Size   58.04 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM040W Datasheet (PDF) - Schneider Electric



Similar Part No. - RXM040W

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RXM0EID0 MICROCHIP-RXM0EID0 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXM0EID8 MICROCHIP-RXM0EID8 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXM0SIDH MICROCHIP-RXM0SIDH Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXM0SIDL MICROCHIP-RXM0SIDL Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
More results


Similar Description - RXM040W

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPJ02041 DUBILIER-DBCPJ02041 Datasheet
151Kb / 1P
AUDIO PCB STRAIGHT DC SOCKETS
logo
List of Unclassifed Man...
RXZE2S111M ETC2-RXZE2S111M Datasheet
76Kb / 3P
socket RXZ - separate contact - 10 A - 250 V - connector - for relay RXM3
FC68145S ETC2-FC68145S Datasheet
502Kb / 1P
SMD DC SOCKETS
logo
ETAL Group
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
Voltage rating AC 250 V; DC 28 V
logo
Schneider Electric
M9U21106 SCHNEIDER-M9U21106 Datasheet
86Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 6 A - C Curve - 250 V DC - 10 kA
Feb 27, 2020
M9U31106 SCHNEIDER-M9U31106 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 6 A - D Curve - 250 V DC - 10 kA
M9U11106 SCHNEIDER-M9U11106 Datasheet
87Kb / 3P
Multi 9 - C60H-DC - MCB - 1P - 6 A - B Curve - 250 V DC - 10 kA
Mar 16, 2020
RXZE2S108M SCHNEIDER-RXZE2S108M Datasheet
71Kb / 3P
socket RXZ - separate contact - 12 A - < 250 V - connector - for relay RXM2..
SSL1A12BDRPV SCHNEIDER-SSL1A12BDRPV Datasheet
95Kb / 5P
Harmony, Solid state relay pre assembled, 2 A, random switching, screw sockets, input 16...30 V DC, output 24...250 V AC
Aug 18, 2021
logo
Murrelektronik GmbH
51515 MURR-51515 Datasheet
286Kb / 2P
RMM 11/230 V output relay IN: 230 VAC/DC - OUT: 250 VAC/DC / 6 A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com