Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-08033 Datasheet (PDF) - SparkFun Electronics

Part # COM-08033
Description  Button Pad 4x4 ??Breakout PCB
File Size   220.97 Kbytes
Html View  1   2 
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-08033 Datasheet (PDF) - SparkFun Electronics



Similar Part No. - COM-08033

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results


Similar Description - COM-08033

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
491-28.0M-5DN-T OSCILENT-491-28.0M-5DN-T Datasheet
141Kb / 2P
4 Pad PCB PECL Output
493-28.0M-3DD-T OSCILENT-493-28.0M-3DD-T Datasheet
142Kb / 2P
6 Pad PCB Base PECL Output
logo
Cooper Bussmann, Inc.
CTX10-5P COOPER-CTX10-5P Datasheet
117Kb / 1P
RECOMMENDED PCB PAD LAYOUT
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
4x4 Multiport Register
logo
Suntsu Electronics, Inc...
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6L SUNTSU-SVCF6L Datasheet
648Kb / 4P
FR4 PCB 6 Pad LVDS VCXO
SVCF6P SUNTSU-SVCF6P Datasheet
687Kb / 4P
FR4 PCB 6 Pad LVPECL VCXO
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
COM-09277 SPARKFUN-COM-09277 Datasheet
151Kb / 2P
Button Pad 2x2 - Breakout PCB
8????7
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com