Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-08033 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-08033
Description  Button Pad 4x4 ??Breakout PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-08033 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-08033 Datasheet HTML 1Page - SparkFun Electronics COM-08033 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
ButtonPad4x4‐BreakoutPCB
COM-08033 RoHS
 
 
 
Description: This a simple breakout board for the button pads. Each LED and button is brought out
to the side connectors. The connectors are soldered to the back side of the PCB. We recommend
trimming the connector leads on the button side as short as possible to reduce the deflection of the
pad.
Now with footprints for diodes! Use the super cheap 1N4148 through-hole diodes. These can be
used to isolate the switches to make for a bit easier decoding
http://www.dribin.org/dave/keyboard/one_html/


Similar Part No. - COM-08033

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results

Similar Description - COM-08033

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
491-28.0M-5DN-T OSCILENT-491-28.0M-5DN-T Datasheet
141Kb / 2P
4 Pad PCB PECL Output
493-28.0M-3DD-T OSCILENT-493-28.0M-3DD-T Datasheet
142Kb / 2P
6 Pad PCB Base PECL Output
logo
Cooper Bussmann, Inc.
CTX10-5P COOPER-CTX10-5P Datasheet
117Kb / 1P
RECOMMENDED PCB PAD LAYOUT
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
4x4 Multiport Register
logo
Suntsu Electronics, Inc...
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6L SUNTSU-SVCF6L Datasheet
648Kb / 4P
FR4 PCB 6 Pad LVDS VCXO
SVCF6P SUNTSU-SVCF6P Datasheet
687Kb / 4P
FR4 PCB 6 Pad LVPECL VCXO
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
COM-09277 SPARKFUN-COM-09277 Datasheet
151Kb / 2P
Button Pad 2x2 - Breakout PCB
8????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com