Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZ1SMA Datasheet (PDF) - Littelfuse

Part # SZ1SMA
Description  TVS Diodes Surface Mount > 400W > SZ1SMA Series
File Size   794.06 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZ1SMA Datasheet (PDF) - Littelfuse



Similar Part No. - SZ1SMA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMA10CAT3G ONSEMI-SZ1SMA10CAT3G Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA10CAT3G ONSEMI-SZ1SMA10CAT3G Datasheet
129Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMA10CAT3G ONSEMI-SZ1SMA10CAT3G Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results


Similar Description - SZ1SMA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
300W Surface Mount TVS Diodes
logo
Littelfuse
SMAJ30A LITTELFUSE-SMAJ30A Datasheet
685Kb / 6P
Transient Voltage Suppression Diodes Surface Mount ??400W > SMAJ series
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
logo
Littelfuse
SMF4L LITTELFUSE-SMF4L Datasheet
1Mb / 6P
TVS Diodes Surface Mount ??400W
logo
SeCoS Halbleitertechnol...
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
Surface Mount ??400W
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
Surface Mount - 400W
01.06.2019
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com