Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS14D0P03P8Z Datasheet (PDF) - ON Semiconductor

Part # NTLJS14D0P03P8Z
Description  MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
File Size   378.58 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS14D0P03P8Z Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTLJS14D0P03P8Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS1102PTAG ONSEMI-NTLJS1102PTAG Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS1102PTBG ONSEMI-NTLJS1102PTBG Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS17D0P03P8Z ONSEMI-NTLJS17D0P03P8Z Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
NTLJS17D0P03P8ZTAG ONSEMI-NTLJS17D0P03P8ZTAG Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
More results


Similar Description - NTLJS14D0P03P8Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7630 FAIRCHILD-FDMA7630 Datasheet
219Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓
FDMA7670 FAIRCHILD-FDMA7670 Datasheet
212Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 15 m廓
logo
Renesas Technology Corp
UPA2815T1S RENESAS-UPA2815T1S Datasheet
189Kb / 7P
P-channel MOSFET-30 V, ??1 A, 11 m
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
P-channel MOSFET -30 V, -11 A, 13 m
logo
Fairchild Semiconductor
FDMC86261P FAIRCHILD-FDMC86261P Datasheet
230Kb / 8P
P-Channel PowerTrench MOSFET -150 V, -9 A, 160 m
logo
ON Semiconductor
FDB9503L-F085 ONSEMI-FDB9503L-F085 Datasheet
529Kb / 8P
P-Channel PowerTrench MOSFET 40 V, - 110 A, 2.6 m廓
August-2017, Rev. 2
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
NVTYS014P04M8L ONSEMI-NVTYS014P04M8L Datasheet
337Kb / 7P
MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
May, 2021 - Rev. P2
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
NTTFS004P02P8 ONSEMI-NTTFS004P02P8 Datasheet
321Kb / 7P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 4 m
June, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com